Part Number Hot Search : 
TAR5S50U HT6350 SELS6 HYAAM EPM9320 N037M190 R000J SMBJ170
Product Description
Full Text Search
 

To Download KBPC1005-BR305 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CHONGQING PINGYANG ELECTRONICS CO.,LTD.
KBPC1005/BR305 THRU KBPC110/BR310
SINGLE-PHASE SILICON BRIDGE RECTIFIER
VOLTAGE50-1000V CURRENT3.0A
FEATURES
*Surge overload ratings-50 Amperes *Low forward voltage drop *Small size: simple installation
BR-3
.268(6.8) .288(5.8) .035(0.9) DIA. .028(0.7) TYP. .620(15.7) .580(14.7) .445(11.3) .405(10.3) .750 (19.1)
MIN.
MECHANICAL DATA
* Case:Metal or plastic shell with plastic encapsulation *Epoxy: UL 94V-0 rate flame retardant *Lead: MIL-STD- 202E, Method 208 guaranteed *Polarity: Symbols molded or marked on body *Mounting: Thru hole for 6# screw *Weight: 3.36 grams
HOLE FOR NO. 6 SCREW
.445(11.3) .620(15.7) .405(10.3) .580(14.7)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRONICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified. Single phase, half wave, 60Hz,resistive or inductive load. For capacitive load, derate current by 20%. KBPC KBPC KBPC KBPC KBPC KBPC KBPC 102 104 106 108 110 units SYMBOL 1005 101
BR305 BR31 BR32 BR34 BR36 BR38 BR310
Maximum Recurrent Peak Reverse Voltage Maximum RMS Bridge Input Voltage Maximum DC Blocking Voltage Maximum Average Forward rectified Output Current at TC=50C Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rate load (JEDEC method) Maximum Forward Voltage Drop per element at 1.5A DC Maximum DC Reverse Current @ TA=25C at Rated DC Blocking Voltage @ TA=100C per element
VRRM VRMS VDC Io IFSM VF IR
50 35 50
100 70 100
200 140 200
400 280 400 3.0 50 1.0 10 500
600 420 600
800 560 800
1000 700 1000
V V V A A V A
I2t 10 A2S I2t Rating for Fusing (t<8.3ms) CJ 21 pF Typical Junction Capacitance (Note 1) Notes: 1.Measured at 1MHz and applied reverse voltage of 4.0 volts 2. Thermal Resistance from Junction to Ambient and fromjunction to lead mounted on P.C.B. with 0.47x0.47"(12x12mm) copper pads.
PDF "pdfFactory Pro" www.fineprint.cn


▲Up To Search▲   

 
Price & Availability of KBPC1005-BR305

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X